PART |
Description |
Maker |
AMS1085 AMS1085CD AMS1085CD-15 AMS1085CD-25 AMS108 |
5.0V 3A low dropout voltage regulator 3.3V 3A low dropout voltage regulator 3.5V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
LM2931AD2T-5.0 LM2931Z-5.0 LM2931T-5.0 LM2931D-5.0 |
LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSIP3 LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 24 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
Motorola Inc Motorola, Inc. ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA INC
|
B1582 B1582J-1.5 B1582J-2.5 B1582J-3.0 B1582J-3.3 |
1.5 4.0A low dropout voltage regulator 3.0V 4.0A low dropout voltage regulator 1.5V 4.0A low dropout voltage regulator 4.0A Low Dropout Voltage Regulator Adjustable & Fix Output 2.5V 4.0A low dropout voltage regulator 3.3V 4.0A low dropout voltage regulator Adjustable 4.0A low dropout voltage regulator 2.5 4.0A low dropout voltage regulator
|
BayLinear
|
AMS2906 AMS2906-15 AMS2906-25 AMS2906-28 AMS2906-3 |
5.0V 600mA low dropout voltage regulator 2.85V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 1.5V 600mA low dropout voltage regulator Synchronous Presettable Binary Counters with Asynchronous Reset 16-SOIC -55 to 125 600mA的低压差稳压 600mA LOW DROPOUT VOLTAGE REGULATOR 600mA的低压差稳压 Synchronous Presettable Binary Counters with Asynchronous Reset 16-PDIP -55 to 125 3.3V 600mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
B1586 B1586S-1.5 B1586S-2.5 B1586S-3.0 B1586S-3.3 |
1.5A Low Dropout Voltage Regulator Adjustable & Fix Output 1.5V 1.5A low dropout voltage regulator 2.5V 1.5A low dropout voltage regulator 3.0V 1.5A low dropout voltage regulator 3.3V 1.5A low dropout voltage regulator Adjustable 1.5A low dropout voltage regulator
|
BayLinear
|
B1150 B1150S-1.5 B1150S-2.5 B1150S-3.0 B1150S-3.3 |
Adjustable 4.0A low dropout voltage regulator 3.3V 4.0A low dropout voltage regulator 3.0V 4.0A low dropout voltage regulator 2.5V 4.0A low dropout voltage regulator 1.5V 4.0A low dropout voltage regulator 4.0A Low Dropout Voltage Regulator Adjustable & Fix Output
|
BayLinear ETC
|
MC33761SNT1-25 MC33761SNT1-29 MC33761SNT1-50G MC33 |
Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control COMPACT FLASH CARD, 32MB Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 2.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
ONSEMI[ON Semiconductor]
|
NCP693DMN12TCG NCP693DMN25TCG NCP693DMN33TCG |
1A CMOS Low-Dropout Voltage Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.38 V DROPOUT, PDSO6 1A CMOS Low-Dropout Voltage Regulator
|
ON Semiconductor
|
TA78DS10F TA78DS06F TA78DS08F TA78DS09F TA78DS12F |
Low Dropout Voltage Regulator 10V Low Dropout Voltage Regulator 6V Low Dropout Voltage Regulator 8V Low Dropout Voltage Regulator 9V Low Dropout Voltage Regulator 12V
|
TOSHIBA
|
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
LP2950-02YZ |
Voltage Regulator IC; Package/Case:3-TO-92; Current Rating:100mA; Output Voltage Max:5V; Voltage Regulator Type:Low Dropout (LDO); Mounting Type:Through Hole RoHS Compliant: Yes 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
FAN1581T FAN1581 FAN1581D15X FAN1581D25X FAN1581DX |
From old datasheet system 5A Adjustable/Fixed Ultra Low Dropout Linear Regulator 1.237 V-5.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 5A Adjustable Low Dropout Voltage Regulator (LDO) 1.25 V-5.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|